Part Number Hot Search : 
3KP130A 01762 KBPC5000 4X001 PN268NC Y100E TDA2125A D2031UK
Product Description
Full Text Search
 

To Download VRT801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Specification VRT801
SSC
Drawn Ap val pro
i
Ap val pro
Rev. 00 November 2007 www.ZLED.com 1/4-1/2AoE : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
VRT801
1. Feat es ur 2. Absolute M aximu Ratings m 3. Electr Char ct o a eristic s 4. 5. 6. 7. 8. Optical charact eristics Outline Dimension acking P Soldering recautio for use P n
Rev. 00 November 2007 www.ZLED.com 1/4-1/2AoE : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Technical Data Sheet
VRT801
Description This surface-mount LED comes in PLCC standard package dimension. It has a substrate made up a molded of plastic reflector si g on top ttin of a bent ead frame. The die s l i attached within the reflector cavity and the cavity is encapsulated by epoxy or silicone The package de sign coupled with careful selection of component mate s allow rial these products to perform with high reliability in a larger temperature range -40E to 100E . The high reliability feature s crucial to Automotive i interior and Indoor ESS. cAo
VRT801
Features
* Industry Standard PLCC SMT package * High brightness using AlInGaP and InGaN dice technologies * Available in multiple colors * High volume, high reliability
Applications
* Interior automotive * Electronic Signs and Signals * Office Automation, Electrical Appliances, Industrial Equipment
Rev. 09 December 2006 www.ZLED.com 1/4-1/2AoE : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
1. Features * RED colored SMT package * Mate rial AlInGaP * Suitabl e for al l SMT as s e mbly methods Suitabl e or al l soldering methods f * RoHS Compliant
Rev. 00 November 2007 www.ZLED.com 1/4-1/2AoE : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
2. Absolute maximum ratings
Parameter Power Dissipation Forward Current Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature Symbol Value 78 30 10 0 5 -40 ~ +1 00 Unit mW mA mA V
oC oC
Pd IF IFM *2 VR T opr T stg
-40 ~ 1 00 +
*1 Care is to b e tak e n that p o wer d issip a tio n do es no t ex cee d th e ab sol ute maximum ra ting of the prod uc t. *2 IFM was meas ured at TW A 1msec of p uls e width and D A 1/10 o f d uty r a tio.
3. Electric characteristics
Pa ra me te r Forward Voltage Reverse Current Luminance Intensity *1 Peak Wavelength Dominant Wavelength Spectral Bandwidth 50% Viewing Angle *2 2 Symb ol Con dition Min 1.8 200 620 Typ 2.2 320 640 625 18 120 Ma x 2.6 10 630 Unit V A mcd nm nm nm deg.
VF IR IV
1/2
IF =20 mA VR=5V IF =20 mA IF =20 mA IF =20 mA IF =20 mA I
F
=20 m A
*1. The l umino us int e nsit y IV w a s m e as ured at t he p e ak o f t he s p atial patte rn w hich may not be the L ED p a ck ag e. L umino us Int e nsit y Meas urem ent al lo wa nce is 3/4 10 % *2. 2 1/2 si t h e o f ax -f si w h er t h e l u m i on u s tni e tisn y si /1 2 o f t h e p e ak in tensiy.
al igned with the mec
hanical ax is of
Rev. 00 November 2007 www.ZLED.com 1/4-1/2AoE : SSC-QP-7-07-24 (Rev.00)
Relative Luminous Intensity Iv/Iv [Rel]
Forward Current IF [mA]
Forward Current IF [mA]
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
4. Optical characteristics
Forward Current vs. Forward Voltage
(Ta=25 OC )
10
2
Relative Luminous Intensity vs Forward Current
(Ta=25 OC )
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
10
1
10
0
1.9
2.0
2.1
2.2
2.3
2.4
0
5
10
15
20
25
30
Forward Voltage VF (V)
Forward Current IF [mA]
Forward Current Derating Curve
40
Radiation Diagram
(Ta=25 OC )
0
30
-30
30
20
-60
60
10
-90
0
-40 -20 0 20 40 60 80 100 120
90
Ambient Temperature TA [OC]
Rev. 00 November 2007 www.ZLED.com 1/4-1/2AoE : SSC-QP-7-07-24 (Rev.00)
C0.8
0.50
0.15
2.2
AT TENT ION MARKING ON LED
IS ANODE( +)
( Tolerance: 3/4 0.2, Unit: mm )
6. packing
1 .5 5 0 .0 5 1.750.1 2 .0 0 .0 5 4 .0 0 .1 0 .2 2 0 .0 5
3.50.1
80.1
5
1 .0 0 .1 3 .1 0 .1
8
3.830.1
1.8
2 .2 2 0 .1
30
10
22
(1) Quan tity : 20 00pcs /Reel (2) Cumulative To lera nce : C umula tive Tol e rance/10 pitches to be 0.2mm 3/4 (3) Adhesion S tre ng th o f Co ver Tape : Adhesion s tre ng th t o b e 0. 1- 0.7 N when the cover t a p e is turne d o f f r o m f the c a rrier t a pe at the an gle o f 10 to t he carrier t a p e (4) Pack age : P/N, Manu fac turing d a ta Co de No. an d qu an tity to b e indicated on a d a mp pro o f Pa ck age
60
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
5.outline dimension
1.9 0.85 0.80 Cathode
1.8
2.80 2.20
Recommended S older Pattern
3.20 2.40 1.65
1.50
Anode
11.4 0.1 180 +0 -3 2.0 0.2
LABLE 13 0.2
9.0 0.3
1.6
Rev. 00 November 2007 www.ZLED.com 1/4-1/2AoE : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
U R eel P acking Structure
Reel
QUANTITY : XXXX LOT NUMBER : XXXXXXXXXX PART NUMBER :
SEOUL SEMICONDUCTOR CO., LTD.
HUMIDITY INDICATOR DESI PAK
Aluminum Vinyl Bag
QUANTITY : XXXX LOT NUMBER : XXXXXXXXXX PART NUMBER :
SEOUL SEMICONDUCTOR CO., LTD.
Outer Box Structure
Material : Paper(SW3B(B)) SIZE (mm) TYPE a c b 7inch 245 220 142
1 SIDE c
1
QUANTITY : XXXX LOT NUMBER : XXXXXXXXXX
RoHS
PART NUMBER :
SEOUL SEMICONDUCTOR CO., LTD.
b
a
Rev. 00 November 2007 www.ZLED.com 1/4-1/2AoE : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
7. soldering
(1) Lead Solder
Lead Solder
Lead Solder r e-heat P r e-heat time P e ak-Tempera re P tu Sold ering time Cond ition 120 150E ~ 120 sec. ax. M 240 ax . E M 10 s ec. M ax.
2.5~5 C / sec.
2.5~5 o C / sec.
240 oC Max. 10 sec. Max. 60sec. Max. Above 200 oC
Pre-heating 120~150 oC
120sec. Max.
(2) Lead-Free Solder
Lead-frame Solder
Lead F ree Solder r e-heat P r e-heat time P e ak-Tempera re P tu Sold ering time Cond ition 150 200E ~ 120 sec. ax. M 260 ax . E M 10 s ec. M ax.
1~5 o C / sec.
1~5 o C / sec.
260 oC Max. 10 sec. Max. 60sec. Max. Above 220 oC
Pre-heating 150~200 o C
120sec. Max.
(3) Hand Soldering conditions Do not exceed 4 seconds at maximum 315C under soldering iron.
Note : In case that the soldered products are reused in soldering process, we don't guarantee the products.
Rev. 00 November 2007 www.ZLED.com 1/4-1/2AoE : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
8. precaution for use
(1) Storage In order to avoid the absorption of moisture, it is recommended to store in a dry box (or a desicator) with a desiccant. Otherwise, to store them in the following environment is recommended. Temperature : 5C ~30C Humidity : maximum 70%RH (2) Attention after open. LED is correspond to SMD, when LED be soldered dip, interfacial separation may affect the light transmission efficiency, causing the light intensity to drop. Attention in followed; Keeping of a fraction Temperature : 5 ~ 40C Humidity : less than 10% (3) In the case of more than 1 week passed after opening or change color of indicator on desiccant, components shall be dried 10-12hr. at 603/4 5C. (4) Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temperature after soldering. (5) Quick cooling shall be avoided. (6) Components shall not be mounted on warped direction of PCB. (7) Anti radioactive ray design is not considered for the products. (8) This device should not be used in any type of fluid such as water, oil, organic solvent etc. When washing is required, IPA should be used. (9) When the LEDs are illuminating, operating current should be decided after considering the ambient maximum temperature. (10) The LEDs must be soldered within seven days after opening the moisture-proof packing. (11) Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry place. (12) The appearance and specifications of the product may be modified for improvement without notice.
Rev. 00 November 2007 www.ZLED.com 1/4-1/2AoE : SSC-QP-7-07-24 (Rev.00)


▲Up To Search▲   

 
Price & Availability of VRT801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X